PART |
Description |
Maker |
B27C22BS1 B27C240BT1 B27C B27C22BA1 B27C22BB1 B27C |
FEMALE HEADER PROFILE : 7.0mm SMT TYPE
|
DBLECTRO[DB Lectro Inc]
|
B34 B34240BT1 |
FEMALE HEADER PROFILE : 2.1mm SMT TYPE 母简介:2.1mm的表面贴装型
|
DB Lectro Inc. DB Lectro, Inc.
|
RDP46-005-005FF RDP46-005-005FL RDP46-010-005FF RD |
180隆? SMT Male Female Header 180掳 SMT Male Female Header
|
Yamaichi Electronics Co., Ltd.
|
070464FB025S103WR 070464FB025S203WR 070464FB025S30 |
D-SUB CONNECTOR FEMALE SMT TYPE
|
SUYIN USA, INC.
|
68301-1006 68301-1069 68301-1035 68301-1028 68301- |
Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 18 Ckt Tin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 7 ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR SB Vert SMT Hdr 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 3 ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 8POS .100 VERT 15AU 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CH 100 Single Row Vert SMT 2ckt 30au CH 100 Single Row Vert SMT 3ckt 30au
|
Molex, Inc. MOLEX INC
|
52207-1585 52207-2885 52207-2985 52207-1785 52207- |
CONN,FFC,1MM OC,15POSRA(SM\CONRA\15P\1MM) 15 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FPC Hsg Assy ZIF SMT 28Ckt EmbsTpPkg 28 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FPC Hsg Assy ZIF SMT 29Ckt EmbsTpPkg 29 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FPC Hsg Assy ZIF SMT 17Ckt EmbsTpPkg 17 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT 1.0 FPC Hsg Assy ZIF SMT 7Ckt EmbsTpPkg 7 CONTACT(S), FEMALE, RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT PC Board Connector; Number of Contacts:16; Pitch Spacing:1.00mm; Number of Rows:1; Mounting Type:PCB Right Angle Surface Mount; Body Material:PA Polyamide (Nylon) 4/6; Contact Finish:Tin/Bismuth Over Nickel
|
Molex, Inc. MOLEX INC
|
501951-3010 501951-4010 501951-5010 501951-6010 76 |
SMT Vertical Header, ZIF with Flip-Type Secure Actuator
|
MolexKits
|
6101XX249121 610114249121 610108249121 |
WR-PHD - 2.54MM PIN HEADER - SMT TYPE DOUBLE ROW RIGHT ANGLE
|
Wurth Elektronik GmbH &...
|
M80-4S1240500-01-301-00-000 |
Datamate 2-Row Mix-Tek Female Vertical Connector, No jackscrews, 24 x SMT signal contacts, 1 x 3mm PC Tail Coax contact 25 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER AND SMT
|
Harwin PLC
|
908160004 908163304 908163306 908163308 908160310 |
Picoflex? SMT Latched Header 1.27mm (.050? Pitch Picoflex垄莽 SMT Latched Header 1.27mm (.050隆卤) Pitch Picoflex庐 SMT Latched Header 1.27mm (.050?? Pitch
|
Molex Electronics Ltd.
|
74099-2013 74099-1013 74099-1003 74099-1009 74099- |
SL SMT VT Shrd Hdr 30 SAu 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT VT Shrd Hdr 15 SAu 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:3; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .100 VERT 9POS SMD 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT VT Shrd Hdr 30 SAu 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
|